PART |
Description |
Maker |
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
1N3903 1N3901 1N3900 1N3900R IN3900 IN3901 IN3902 |
Ultra Fast Rectifier (less than 100ns) Fast Recovery Rectifier FastRectifier(100-500ns)
LED 5MM 574NM ALINGAP GRN CLEAR Fast Rectifier (100-500ns) 20 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MBR20H100CT |
SWITCHMODE Power Rectifier 100 V, 20 A(100V,20A开关模式功率整流器) 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
ON Semiconductor
|
SSR2010CTC |
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
MDA920A6 MDA920A4 MDA920A7 MDA920A2 MDA920A5 MDA92 |
1.5 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 300 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 25 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 1.5 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Motorola Mobility Holdings, Inc.
|
SW08CXC300 SW12CXC300 SW58CXC620 SW42CXC680 SW30CX |
650 A, 800 V, SILICON, RECTIFIER DIODE 650 A, 1200 V, SILICON, RECTIFIER DIODE 1520 A, 5800 V, SILICON, RECTIFIER DIODE 1610 A, 4200 V, SILICON, RECTIFIER DIODE 5100 A, 3000 V, SILICON, RECTIFIER DIODE 5100 A, 3200 V, SILICON, RECTIFIER DIODE 1030 A, 3600 V, SILICON, RECTIFIER DIODE 2050 A, 2800 V, SILICON, RECTIFIER DIODE 1860 A, 4000 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
FM303L FM306L FM305L FM304L FM301L FM302L |
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
BYP25A1 BYP25K05 BYP25A05 BYP25A2 BYP25A3 BYP25A4 |
Silicon Press-Fit-Diodes High-temperature diodes 25 A, 300 V, SILICON, RECTIFIER DIODE VGA VIDEO CABLE 100 FT MM 25 A, 100 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 600 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 400 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG Diotec Elektronische
|
P1000A09 P1000B |
10 A, 100 V, SILICON, RECTIFIER DIODE Standard silicon rectifier diodes
|
Semikron International
|
|